Part Number Hot Search : 
SMDA08C Z86E0412 SKY13 2SK1516 MCR25DG 01906 2SK123 84134312
Product Description
Full Text Search
 

To Download MAAPSM0008TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1-Watt Power Amplifier 5 - 6 GHz
V 1.1
MAAPSM0008
MAAPSM0008
Features
* * * * * U-NII and Hiperlan Applications Saturated Output Power 30.5 dBm at +7.0 V Power Added Efficiency 40 Percent No External RF Matching 4-mm FQFP-N, 16-Lead Package
Functional Schematic
Pin 16 N/C Pin 1 N/C RFin
N/C
N/C
N/C
Description
The MAAPSM0008 is a two -stage power amplifier mounted in a standard outline, 16-lead, 4-mm FQFP-N plastic package, designed specifically for the U -NII, MMAC, and Hiperlan bands. The MAAPSM0008 has fully matched 50 ohms input and output, eliminating the need for external RF tuning components. M/A-COM fabricates the MAAPSM0008 using a selfaligned gate MESFET process to realize high power efficiency and small size. The process features full passivation for performance and reliability.
N/C
Vgg
N/C
RFout
N/C
N/C
N/C
Vdd
N/C
N/C
Pin Configuration
Pin 1, 3, 4 ,5 ,7, 8, 9, 12, 13, 14, 15, 16 2 6 10 Function NC Descriptions No connection
Ordering Information
Part Number MAAPSM0008TR MAAPSM0008TR-3000 Package MAAPSM0008 on 7-inch, 1000-piece reel MAAPSM0008 on 13 inch, 3000-piece reel MAAPSM0008 Sample Test Board
RFIN V dd RFOUT
RF input to the amplifier. DC block on-chip. 50 ohm input. Positive voltage supply to both stages RF output of the amplifier. DC block on-chip. 50 Ohm output. Negative voltage supply to the gates of both stages RF & DC ground
MAAPSM0008SMB
11 Pad
V gg GND
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
1-Watt, 5 GHz Power Amplifier Electrical Specifications:
Parameter Frequency Input VSWR Gain P1dB Saturated Power Drain Current at Psat Harmonics 2 3 Thermal resistance Third-Order Intercept Point Stability
MAAPSM0008
V 1.1
TC = 40 C, VDD = 7.0 V, I DQ = 360 mA
(unless otherwise specified) Units GHz Min. 5.0 1.5:1 dB dBm dBm mA dBc dBc C/W dBm 18.0 29.5 19.5 29.5 30.5 500 -40 -70 31 40 600 Typ. Max. 6.0 2.0:1 Typ. @ V DD + 5 V 1.5:1 19.0 28.0 29.0 500 -40 -70 31 38
Test Conditions
F = 5.825 GHz, Pin = +14 dBm F = 5.825 GHz, Pin = 0 dBm F = 5.825 GHz F = 5.825 GHz, Pin = +14 dBm F = 5.825 GHz, Pin = +14 dBm Output Power = 30.5 dBm
+3.0 V < V DD < +10.0 V, POUT < +15 dBm, VSWR < 6:1, -25 C < TC < 70 C, RBW = 3 MHz max. hold 1
All spurs < -70 dBc
Recommended Operating Conditions
Characteristic Drain Voltage Gate Voltage 2 Input Power Gate Current Case Temperature Symbol V DD V GG PIN IGG TC
Unit V V dBm mA C
Min 4.5 -2.5
Typ 7.0 -2.0 --
Max 8.0 -1.0 15 +4 70
-4 -40
1 25
1. Operation outside of these ranges may reduce product reliability. 2. A 100 E-Series resistor should be used in the gate voltage line.
Operating The MAAPSM0008
The MAAPSM0008 is static sensitive. Please handle with care. To operate the device, follow these steps. 1. Apply VGG = -2 V, VDD= 0 V. 2. Ramp VDD to desired voltage, typically 5 to 7 V. 3. Adjust VGG to set IDQ, (approximately -2 V). 4. Set RF input.
5. Power down sequence in reverse. Turn gate
voltage off last.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
2
1-Watt, 5 GHz Power Amplifier Application Information
Sample Board
MAAPSM0008
V 1.1
C1
R1
Plated Vias Plated Vias Via s
C2
Notes on board design
1. Sample board uses RO4350 er = 3.48 as dielectric for circuit board. Dielectric thickness is not critical but RFin and RFout transmission lines should be 50 ohms (w = 22 mil for thickness = 10 mil). Solder the exposed paddle on the back of the package to the board. Proper attachment of the exposed paddle is essential for RF and DC ground in addition to providing a low thermal resistance. Case temperature (Tc) is measured as shown on the application board drawing on the top circuit board metal as close to the body of the package as possible. The board must provide adequate heat sinking to accommodate the 2.5 W typically dissipated under small signal conditions. Sample board uses vias in the vicinity of the ground pad to provide a suitable heat sink connected to the ground plane of the board as shown above (recommend thetaCA = 5 C/W max). Placement of C1, C2 and R1 are not critical but use of 1206 for the bypass caps (C1 and C2) is critical.
2.
3.
4.
5.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
3
1-Watt, 5 GHz Power Amplifier Typical Performance Curves
Gain Vs. Frequency
PIN = + 6 dBm, V DD = 7 V
24 22
MAAPSM0008
V 1.1
Gain Vs. Frequency
PIN = + 6 dBm, V DD = 5 V
24 22
GAIN (dB)
18 16 14 12 10 4.0 4.5 5.0 5.5
- 25 deg. C 50 deg. C 70 deg. C
GAIN (dB)
20
20 18 16 14 12 10 4.0 4.5 5.0 5.5
- 25 deg. C 50 deg. C 70 deg. C
6.0
6.5
6.0
6.5
FREQUENCY (GHz)
FREQUENCY (GHz)
Output Power Vs. Frequency
PIN = + 12 dBm, V DD = 7 V
32 30
Output Power Vs. Frequency
PIN = + 12 dBm, V DD = 5 V
32
Output Power (dBm)
30 28 26 24 4.0 4.5 5.0 5.5
Output Power (dBm)
28 26 24 4.0 4.5 5.0 5.5
- 25 deg. C 50 deg. C 70 deg. C
- 25 deg. C 50 deg. C 70 deg. C
6.0
6.5
6.0
6.5
FREQUENCY (GHz)
FREQUENCY (GHz)
PAE Vs. Frequency
PIN = + 12 dBm, V DD = 7 V
PAE Vs. Frequency
PIN = + 12 dBm, V DD = 5 V
45 40
- 25 deg. C 50 deg. C 70 deg. C
45 40
- 25 deg. C 50 deg. C 70 deg. C
PAE (%)
35 30 25 4.0 4.5 5.0 5.5 6.0 6.5
PAE (%)
35 30 25 4.0 4.5 5.0 5.5 6.0 6.5
FREQUENCY (GHz)
FREQUENCY (GHz)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
4
1-Watt, 5 GHz Power Amplifier Typical Performance Curves
Input Return Loss Vs. Frequency
PIN = + 12 dBm, V DD = 7 V
-3 -6 -3 -6
MAAPSM0008
V 1.1
Input Return Loss Vs. Frequency
PIN = + 12 dBm, V DD = 5 V
RETURN LOSS (dB)
-9 -12 -15 -18 -21 -24 -27 4.0 4.5 5.0 5.5 6.0 6.5
- 25 deg. C 50 deg. C 70 deg. C
RETURN LOSS (dB)
-9 -12 -15 -18 -21 -24 -27 4.0 4.5 5.0 5.5 6.0 6.5
- 25 deg. C 50 deg. C 70 deg. C
FREQUENCY (GHz)
FREQUENCY (GHz)
Dissipated Power vs. Case Temperature Temperature (Tc) PDiss vs Channel
4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 25 50 75 100 125 150 175 Tc (C)
35
Output Power & Gain Vs. Input Power
Freq = 5.80 GHz, V DD = 7 V
Pout (dBm), Gain (dB)
30
Pout Gain
PDiss (W)
25
20
15 1 3 5 7 9 11 13 15
Pin (dBm)
1-dB Compression Vs. Frequency
V DD = 7 V, IDq = 0.360 A
P1dB, Gain Vs. Quiescent Bias
V DD = 7 V, Freq = 5.8 GHz
32
32
30
Gain (dB), P1dB (dBm)
30 28 26 24 22 20 18 0.20 0.22 0.24 0.26 0.28 0.30 0.32 0.34 0.36
P1dB Gain
P1dB (dBm)
28
P1dB
26
24 5.0 5.2 5.4 5.6 5.8 6.0
Pin (dBm)
IDQ (A)
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
5
1-Watt, 5 GHz Power Amplifier 4-mm FQFP-N, 16-Lead (MLP) Package, Saw Singulated
D
1 6 1
MAAPSM0008
V 1.1
A A2 A1
Dim
Measurement (mm) Min. 0.80 0 0.80 0.23 2.05 2.05 0.45 typ. Nom. 0.90 0.02 0.88 0.30 4.00 basic 2.15 0.65 basic 4.00 basic 2.15 0.55 typ. 2.25 0.65 typ. Max. 1.00 0.05 1.00 0.38 2.25
A A1 A2 b D D2
E
2 3 4
16 x b e 3xe
PIN #1 IDENTIFIER D2
e E E2 L
E2
Note: See JEDEC MO-220A VGGC Issue B for additional dimensional and tolerance information.
L
e 3xe
Handling Procedures
Please observe the following precautions to avoid damage to the MAAPSM0008:
Absolute Maximum Ratings 1
Parameter Max Input Power (5 - 6 GHz) Operating Voltages Operating Temperature Channel Temperature Storage Temperature Absolute Maximum + 15 dBm +10 volts -40 C to +70 C +150 C -40 C to +150 C
Static Sensitivity
Gallium arsenide integrated circuits are ESD sensitive and can be damaged by static electricity. Use proper ESD precautions when handling t hese devices.
1. Exceeding any one or combination of these limits may cause permanent damage.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
6


▲Up To Search▲   

 
Price & Availability of MAAPSM0008TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X